Part Number Hot Search : 
TDA15 MX25L32 EN8737A 0100C P336X DS44304 RF206 TFS70L
Product Description
Full Text Search
 

To Download SEMIX202GB12E4S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SEMIX202GB12E4S ? by semikron rev. 1 ? 20.02.2009 1 semix ? 2s gb trench igbt modules SEMIX202GB12E4S features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? high short circuit capability ? ul recognised file no. e63532 typical applications ? ac inverter drives ?ups ? electronic welding remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? dynamic values apply to the following combination of resistors: r gon,main = 1,0 ? r goff,main = 1,0 ? r g,x = 2,2 ? r e,x = 0,5 ? absolute maximum ratings symbol conditions values unit igbt v ces 1200 v i c t j = 175 c t c =25c 314 a t c =80c 242 a i cnom 200 a i crm i crm = 3xi cnom 600 a v ges -20 ... 20 v t psc v cc = 800 v v ge 20 v v ces 1200 v t j = 150 c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 229 a t c =80c 172 a i fnom 200 a i frm i frm = 3xi fnom 600 a i fsm t p = 10 ms, sin 180, t j =25c 990 a t j -40 ... 175 c module i t(rms) 600 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =200a v ge =15v chiplevel t j =25c 1.8 2.05 v t j = 150 c 2.2 2.4 v v ce0 t j =25c 0.8 0.9 v t j = 150 c 0.7 0.8 v r ce v ge =15v t j =25c 5.0 5.8 m ? t j = 150 c 7.5 8.0 m ? v ge(th) v ge =v ce , i c =7.6ma 5 5.8 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 0.1 0.3 ma t j = 150 c ma c ies v ce =25v v ge =0v f=1mhz 12.3 nf c oes f=1mhz 0.81 nf c res f=1mhz 0.69 nf q g v ge =- 8 v...+ 15 v 1130 nc r gint t j =25c 3.75 ? t d(on) v cc = 600 v i c =200a r g on =2.4 ? r g off =2.4 ? di/dt on = 3600 a/s di/dt off = 2100 a/s t j = 150 c 253 ns t r t j = 150 c 55 ns e on t j = 150 c 22 mj t d(off) t j = 150 c 533 ns t f t j = 150 c 113 ns e off t j = 150 c 27.9 mj r th(j-c) per igbt 0.14 k/w
SEMIX202GB12E4S 2 rev. 1 ? 20.02.2009 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f =200a v ge =0v chip t j =25c 2.2 2.52 v t j = 150 c 2.1 2.5 v v f0 t j =25c 1.1 1.3 1.5 v t j = 150 c 0.7 0.9 1.1 v r f t j =25c 4.0 4.5 5.1 m ? t j = 150 c 5.3 6.3 6.8 m ? i rrm i f =200a di/dt off = 3400 a/s v ge =-15v v cc = 600 v t j = 150 c 160 a q rr t j = 150 c 31.5 c e rr t j = 150 c 12 mj r th(j-c) per diode 0.26 k/w module l ce 18 nh r cc'+ee' res., terminal-chip t c =25c 0.7 m ? t c = 125 c 1m ? r th(c-s) per module 0.045 k/w m s to heat sink (m5) 3 5 nm m t to terminals (m6) 2.5 5 nm nm w 250 g temperatur sensor r 100 t c =100c (r 25 =5 k ? ) 493 5% ? b 100/125 r (t) =r 100 exp[b 100/125 (1/t-1/t 100 )]; t[k]; 3550 2% k semix ? 2s gb trench igbt modules SEMIX202GB12E4S features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? high short circuit capability ? ul recognised file no. e63532 typical applications ? ac inverter drives ?ups ? electronic welding remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? dynamic values apply to the following combination of resistors: r gon,main = 1,0 ? r goff,main = 1,0 ? r g,x = 2,2 ? r e,x = 0,5 ?
SEMIX202GB12E4S ? by semikron rev. 1 ? 20.02.2009 3 fig. 1: typ. output ch aracteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
SEMIX202GB12E4S 4 rev. 1 ? 20.02.2009 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching times vs. gate resistor r g fig. 9: typ. transient thermal impedance fig. 10: typ. cal diode forward charact., incl. r cc'+ee' fig. 11: typ. cal diode peak reverse recovery current fig. 12: typ. cal diode recovery charge
SEMIX202GB12E4S ? by semikron rev. 1 ? 20.02.2009 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. semix 2s gb


▲Up To Search▲   

 
Price & Availability of SEMIX202GB12E4S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X